Part Number Hot Search : 
MAJ17 P800J BYV95B BUK710 KBJ202 C100ELT MDD310 30010
Product Description
Full Text Search
 

To Download LRCS0805 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Small Size Low Value Current Sense Surface Mount Chip Resistors
LRCS Series
0402, 0603 and 0805 sizes (larger sizes refer to our LRF Series) Resistance R020 (20m ) to 1R0 (1000m ) Designed for current sensing in power electronic systems RoHS compliant
Electrical Data
LRCS0402 Power rating @70C Resistance range Isolation voltage watts ohms volts
0.063 R05 to 1R0 50V 400: R05 R10 300: R101 R50 200: R501 1R0
LRCS0603
0.1 R02 to 1R0 100V 600: R02 R05 400: R051 R10 300: R101 R50 200: R501 1R0 1(F), 5(J) E24 preferred
LRCS0805
0.125: R02 to TCR Resistance tolerance Standard values Ambient temperature range
ppm/C % C
-55 to +155
Physical Data
L LRCS0402 LRCS0603 LRCS0805 1.00 0.05 1.60 0.10 2.00 0.15 W 0.50 0.10 0.80 0.10 1.25 0.15 T 0.32 0.10 0.45 0.10 0.55 0.10 D1 0.25 0.10 0.30 0.20 0.30 0.20 D2 0.20 0.10 0.30 0.20 0.40 0.25 Nom wt. (g) 0.0007 0.002 0.005
All dimensions in mm unless stated.
Construction
A resistor element is applied to an alumina substrate. The product is adjusted to value and protected. Marking is applied to 0603 and 0805 sizes. A wraparound conductor is applied to join the top and bottom sides. The terminations are electroplated with a Ni barrier layer prior to plating with a Sn finish. Solvent Resistance The body protection and marking are resistant to all normal industrial solvents suitable for printed circuits. Flammability The resistor will not burn or emit incandescent particles under any condition of applied temperature or overload. Solderability 95% min coverage (MIL-STD 202F / 208H, 235C 2 secs)
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability. All information is subject to Welwyns own data and is considered accurate at time of going to print.
(c) Welwyn Components Limited Bedlington Northumberland NE22 7AA, UK
A subsidiary of TT electronics plc Issue C . 11.06
Telephone: +44 (0) 1670 822181 Facsimile: +44 (0) 1670 829465 Email: info@welwyn-tt.com Website: www.welwyn-tt.com
LRCS Series
Marking The LRCS0402 is not marked, the LRCS0603 is marked with 3 digits and LRCS0805 with 4 digits. e.g. 100m is marked as R10 (3digit) and R100 (4digit) and 35 m is marked as 035 (3digit) or R035 (4digit) Mounting
Type
A
B
C
LRCS0402 LRCS0603 LRCS0805
0.6 1.0 1.0
0.4 0.7 0.8
0.500.2 1.000.2 1.300.2
A B
Maximum
C
Performance Data
Load at rated power (1000hrs cyclic load at 70C) De-rating from rated power at 70C Short term overload (6.25 x rated power for 5s) Dry heat (96Hrs, no load, +155C) Temperature rapid change (-55 / +150C, 100 cycles) Damp heat steady state Resistance to solder heat (260C for 10s) Low Temperature Operation Insulation Resistance R% R% R% R% R% R% R% 1% + 0.05 See Graph 0.5% + 0.05 1% + 0.05 (0.25W LRCS0805 rating) 0.5% + 0.05 0.5% + 0.05 0.5% + 0.05 0.5% + 0.05 0.5% + 0.05 >1000M
100%
Power de-rating graph
TC
Packaging
0% -55
70
155
The standard packing for LRCS parts is on 8mm wide paper tape wound on 178mm diameter reels.
Ordering Procedure
Type Value (use IEC62 code) Tolerance (use IEC62 code) F 1% J 5% Packing T10 T5 T5 Tape Tape Tape 0402 0603 0805
Example: LRCS0603 at 25 milliohms and 1% tolerance on reel of 5000 pieces:
LRCS0603 R 0 2 5 F T5
10,000 / reel 5,000 / reel 5,000 / reel
(c) Welwyn Components Limited Bedlington Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 Facsimile: +44 (0) 1670 829465 Email: info@welwyn-tt.com Website: www.welwyn-tt.com
Issue C . 11.06


▲Up To Search▲   

 
Price & Availability of LRCS0805

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X